frequencies in mhz high stability cmos oscillator gxo-3302 tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 16 jun 2006 31.25000 40.00000 44.00000 features high stability for wimax, lan etc miniature sm package low voltage supply enable / disable tristate function competitive pricing standard frequencies other frequencies available. please consult our sales office. product name + frequency eg: gxo-3302 40.0mhz 10ppm, -30+85c ordering information open ?1? level ?0? level enabled enabled high impedance enable / disable function input (pad 1) output (pad 3)
!!
! "#$%&'()#$% !*+,*""%,+%' -.*/"' /+0/+ !*+,*""%,+%' /00$1 scale 3:1 option codes gxo-3302 product parameters specifications will operate within specification on any supply voltage from +2.5v to +5.0v. frequency range: 0.50 ~ 45.0mhz frequency stability: 10ppm operating temperature range: -30 to +85c storage temperature range: -40 to +85c supply voltage (v dd ): +2.5v ~ +5.0v (see note) supply current (max): 10ma logic levels: ?0? level = 10%v dd max ?1? level = 90%v dd min start up time: 10ms max waveform symmetry: 45:55 @ 50%v dd driving ability: 15pf hcmos rise / fall time: 5ns max enable / disable function: tristate (control via pad 1) stand-by current: 10a max period jitter rms: 3ps typ phase noise (typ): -140dbc/hz @ 1khz ageing: 5ppm / year max
product information gxo-3302 tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 16 jun 2006 composition construction ceramic body with gold-plated pads metal lid, seam sealed tape & reel specification soldering profile 2
(% 2
&) 2
&) 3) ) 2
42
) .%5%+ 62
7%+ 82
$*9 ,**$'*9" ) production quantities supplied on t & r, 1k or 3k pcs per reel. small quantities may be supplied on tape (no reel), or in bulk. packaging & handling solder resistance: 260c x 10 secs x 2. this product is lead-free, and is fully compliant with the rohs directive 2002/95/ec a b c d e f g h j k l m y 1 2 3 4 5 6 7 8 9 0 m jan feb mar apr may jun jul aug sep oct nov dec marking type: laser dc = date code in ym, eg ?ce? = may 2003 marking : 4 4 : : 4 : 4 : 2 ; < = 4 2 : 4 not to scale. dimensions in mm.tolerances 0.1mm unless otherwise stated g02 dc frequency static sensitive product. observe proper handling precautions
|